Part Number Hot Search : 
0N1TR FMS3110 0115K BAT81 24LLC02T SQ3866A 1E106 MJ15025
Product Description
Full Text Search
 

To Download VSONC111HCF0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSO(R)
Normally closed proportional solenoid valve
FEATURES * 2-way normally closed * Offers operating pressure up to 150 psig and a range of orifice sizes * Satisfies a 0.2 sccm leakage specification of He for 100 million life cycles and offers high repeatability * Provides computer-automated calibrations and full calibration traceability * Uses either DC current or pulse width modulation with closed loop feedback to deliver optimal system performance * Maintains ideal flow through thermal compensation * Oxygen and analytically clean MEDIA COMPATIBILITY
Air, argon, helium, hydrogen, methane, nitrogen, oxygen & others
PHYSICAL PROPERTIES
Operating environment Storage temperature 0 to 55 C -40 to 70 C 45.3 mm (1.785 in) 16.5 mm (0.625 in) 17 mm (0.67 in) Barbs or 10-32 UNF female; manifold mount with screens 63 g (2.2 oz) 0.508 cm3 (0.031 in3)
ELECTRICAL
Power Voltage max. 2 W
Length Width Height
max. 5.5, 8, 11.5, 13.5, 20 or 29 VDC Porting
Weight Internal volume Filtration (recommended) VSONC1..., VSONC2... all others Lubrication
17 m 40 m None required
VSO is a registered trademark of Parker Hannifin Corporation. October 2006 / 254 1/4
www.sensortechnics.com
VSO(R)
Normally closed proportional solenoid valve
PERFORMANCE CHARACTERISTICS
Part no.
VSONC1... VSONC2... VSONC3... VSONC4... VSONC5... VSONC6...
Pressure
0..150 psid 0...150 psid 0...150 psid 0...75 psid 0...100 psid 0...50 psid
Vacuum
Orifice siz es
0.010" (0.245 mm) 0.020" (0.510 mm)
Leak rate1
R esp o n se
0...27 "Hg (0...13 psi)
0.030" (0.762 mm) 0.040" (1.016 mm) 0.050" (1.270 mm) 0.065" (1.651 mm)
0.2 sccm of helium (bubble tight)
<30 msec cycling (2 W)
FLOW CURVE2
Notes: 1 sccm denotes Standard Cubic Centimeters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1000 sccm = 1 slpm. 2 slpm denotes Standard Liters per Minute. It is a unit for the flow rate at standard conditions of temperature and pressure. 1 slpm = 1000 sccm.
October 2006 / 254
2/4
www.sensortechnics.com
VSO(R)
Normally closed proportional solenoid valve
OUTLINE DRAWING
Basic valve dimensions
Port and mounting hole diagrams
dimensions in inches (mm)
October 2006 / 254
3/4
www.sensortechnics.com
VSO(R)
Normally closed proportional solenoid valve
ELECTRICAL INTERFACE OPTIONS
VSONC...F... (Wire leads, no terminals)
VSONC...P... (PC mount, 4 pins)
PNEUMATIC INTERFACE OPTIONS
VSONC...0... (No barbs, face seal to manifold)
VSONC...1... (No barbs, face seal to manifold with screen)
VSONC...5... (10-32 UNF threaded female)
VSONC...8... (0.125" barbs, 1/8" I.D. tubing, 1/4" O.D. max)
ORDERING INFORMATION
Model no. Standard Options VSONC 1: 2: 3: 4: 5: 6: Max. pressure Series Orifice S
(0.245 mm)
B ody series
Coil selection Elastomer A: B: Max. ResisCurrent*** voltage* tance** 5.5 VDC 8 V DC 11 23 47 68 0.304 A 0.212 A 0.152 A 0.125 A 0.091 A 0.066 A
Electrical interface
Pneumatic interface*
150 psid 0.010" 150 psid 0.020"
(0.510 mm)
11: Series V: FKM/ 11 brass 25: Series C: FFKM*/ 25* brass
F: wire leads, 0: manifold 18" mount P: PC board mount, 4 PC pins 1: manifold mount with screens** 5: 10-32 UNF threaded female (Series 25) 8: 1/8" barbs
* Series 11 only except with option 5 * * this option will affect price
150 psid 0.030"
(0.762 mm)
75 psid 0.040"
(1.016 mm)
I: FKM/ C: 11.5 VDC stainless steel D: 13.5 VDC H: FFKM*/ stainless steel
* available in * this optios will nickel- plated affect price; brass only contact Sensortechnics for details
100 psid 0.050"
(1.270 mm)
E: F:
20 V D C 136 29 V D C 274
50 psid 0.065"
(1.651 mm)
* max. voltage for continuous full flow, ambient temp. 55C ** coil resistance for room temp. *** input current for full flow
Example: VSONC
1
S
11
V
A
F
8
Note: Not all combinations might be available. Please contact your nearest Sensortechnics sales representative for further information.
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. October 2006 / 254 4/4
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of VSONC111HCF0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X